PART |
Description |
Maker |
GB12864DHGAAMLA-V01 GB12864DHGAAMLB-V01 GB12864DHG |
INDUCTOR,SMD(0805),6.8 NH, 600 IDC,0.11 OHMS INDUCTOR,SMD(0805),82 NH, 400 IDC,0.42 OHMS SPECIFICATIONS FOR LCD MONDULE INDUCTOR,SMD(1210),15 UH, 130 IDC,3.2 OHMS INDUCTOR,SMD(1210),150 UH, 65 IDC,15 OHMS INDUCTOR,SMD(1210),1.5 UH, 370 IDC,0.85 OHMS INDUCTOR,SMD(1210),1.8 UH, 350 IDC,0.9 OHMS INDUCTOR,SMD(1210),33 UH, 70 IDC,5.6 OHMS INDUCTOR,SMD(1210),39 UH, 65 IDC,6.4 OHMS INDUCTOR ,SMD,(1812),3.3 UH, 355 IDC,0.80 OHMS INDUCTOR,SMD(1210),27 UH, 80 IDC,5 OHMS INDUCTOR,SMD1812,390UH, 80 IDC,18 OHMS POT,LINEAR TAPER,5W,100 ohm WIREWOUND,20%,shft.235"Dx.67"L INDUCTOR,SMD(0805),56 NH, 500 IDC,0.34 OHMS INDUCTOR,SMD(0805),68 NH, 500 IDC,0.38 OHMS INDUCTOR,SMD(0805),8.2 NH, 600 IDC,0.12 OHMS INDUCTOR ,SMD,(1812),10 UH, 250 IDC,1.6 OHMS INDUCTOR ,SMD,(1812),6.8 UH, 285 IDC,1.2 OHMS INDUCTOR ,SMD,(1812),15 UH, 200 IDC,2.5 OHMS INDUCTOR,SMD(1210),56 UH, 55 IDC,8 OHMS INDUCTOR,SMD(1210),5.6 UH, 200 IDC,1.8 OHMS INDUCTOR ,SMD,(1812),27 UH, 170 IDC,3.6 OHMS INDUCTOR ,SMD,(1812),33 UH, 160 IDC,4.0 OHMS INDUCTOR,TOROID,HORIZONTAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,SMD(1210),68 UH, 50 IDC,9 OHMS INDUCTOR ,SMD,(1812),0.27 UH, 635 IDS, 0.26 OHMS INDUCTOR,SMD(1210),47 UH, 60 IDC,7 OHMS INDUCTOR ,SMD,(1812),0.47UH, 545 IDC, 0.12 OHMS INDUCTOR ,SMD,(1812),39 UH, 150 IDC,4.5 OHMS INDUCTOR ,SMD,(1812),0.22 UH, 665 IDC, 0.25 OHMS INDUCTOR ,SMD,(1812),18 UH, 190 IDC,2.8 OHMS INDUCTOR,SMD1210,1UH, 400 IDC,0.44 OHMS INDUCTOR,SMD(1210),220 UH, 50 IDC,21 OHMS INDUCTOR ,SMD,(1812),150 UH, 105 IDC,9.0 OHMS INDUCTOR,SMD1008,47NH, 1000 IDC,0.16 OHMS INDUCTOR ,SMD,(1812),12 UH, 225 IDC,2.0 OHMS INDUCTOR ,SMD,(1812),120 UH, 110 IDC,8.0 OHMS INDUCTOR ,SMD,(1812),180 UH, 102 IDC,9.5 OHMS INDUCTOR ,SMD,(1812),5.6 UH, 300 IDC, 1.1 OHMS INDUCTOR ,SMD,(1812),4.7 UH, 315 IDC,1.0 OHMS INDUCTOR ,SMD,(1812),680 UH, 50 IDC,0.30 OHMS INDUCTOR ,SMD,(1812),0.56UH, 520 IDC,0.36 OHMS CAP,RADIAL,0.47uf 100V,105C 5mm x 11mm INCREMENTS of 10 规格液晶模块 INDUCTOR ,SMD,(1812),1.8 UH, 390 IDC,0.65 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),100 UH, 110 IDC,8.0 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),560 UH, 50 IDC,0.30 OHMS 规格液晶模块 MOTOR,DC,1.5-4.5V,4780RPM,0.4A 10.3G-CM,0.5W,SHFT 02X8mm 规格液晶模块 SWITCH,PB,MINI,SPDT,ON-(ON) RT ANGLE SOLDER,125VAC/5A 规格液晶模块 INDUCTOR,SMD(1210),3.9 UH, 250 IDC,1.3 OHMS 规格液晶模块 INDUCTOR,SMD(1008),0.18 UH, 620 IDC,0.77 OHMS 液晶模块规格 SIREN,PIEZO,2500/3500Hz,100dB, 5-15VDC,40mA,WIRES,BLACK 规格液晶模块 INDUCTOR,SMD,(1812) 0.18 UH, 700 IDC,0.24 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),270 UH, 92 IDC, 12 OHMS 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
FDS3992_04 FDS3992 FDS3992NL FDS399204 |
Dual N-Channel PowerTrench? MOSFET 100V, 4.5A, 62m?/a> Dual N-Channel PowerTrench㈢ MOSFET 100V, 4.5A, 62mз Discrete Commercial N-Channel PowerTrench MOSFET, 100V, 4.5A, 0.062 Ohms @ VGS = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
WP-MKT4-173250-S WP-MKT4 WP-MKT4-173225-D WP-MKT4- |
MOSFET DUAL N-CHAN 20V SOT-323 窄带调频甚高频发射模 MOSFET N-CHAN DUAL 200MW SOT-363 MOSFET N-CHAN 50V 350MW SOT-23 MOSFET DUAL N-CHAN 50V SOT-26 FM Narrow Band VHF Transmitter Module
|
Electronic Theatre Controls, Inc. Wireless Products ETC[ETC] List of Unclassifed Manufacturers
|
FDP3652NL |
N-Channel PowerTrench MOSFET, 100V, 61A, 0.016 Ohms
|
Fairchild Semiconductor
|
ISL9N322AD3ST |
POWER SUP SWITCHER 41W 5.1V MED 20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 з N-Channel Logic Level UltraFET Trench MOSFET 30V 20A 0.022 N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
0280-2-17-01-06-01-02-0 0280-3-17-15-06-27-02-0 02 |
WRAPOST RECEPTACLES for .022 - .032 diameter pins (#06 contact) and .022 - .034 diameter pins (#16 contact)
|
Mill-Max Mfg. Corp.
|
OM6559SP1 OM6558SP1 OM6545SP1 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 25A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展|5A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 21A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 21A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 500V V(BR)CES | 49A I(C) | SIP 晶体管| IGBT的|正陈| 500V五(巴西)国际消费电子展|9A一(c)|园区
|
Electronic Theatre Controls, Inc. OKI SEMICONDUCTOR CO., LTD.
|
NE25139U74 NE25139U73 NE25139U72 NE25139U71 NE2513 |
TRANSISTOR,MESFET,N-CHAN,DUAL GATE,13V V(BR)DSS,30MA I(DSS),SOT-143 TRANSISTOR,MESFET,N-CHAN,DUAL GATE,13V V(BR)DSS,20MA I(DSS),SOT-143 TRANSISTOR,MESFET,N-CHAN,DUAL GATE,13V V(BR)DSS,10MA I(DSS),SOT-143 TRANSISTOR,MESFET,N-CHAN,DUAL GATE,13V V(BR)DSS,5MA I(DSS),SOT-143 From old datasheet system
|
NEC Electron Devices
|
RFP50N06 RF1S50N06SM RFG50N06 FN3575 |
50A/ 60V/ 0.022 Ohm/ N-Channel Power MOSFETs 50A, 60V, 0.022 Ohm, N-Channel Power MOSFETs 50A 60V 0.022 Ohm N-Channel Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
VISHAYFOILRESISTORS-Y078554K8780T0L Y144223K2000B0 |
RS92N 23K200 0.1% - Bulk Film/Foil Resistor, RES,RADIAL,METAL FOIL,30K OHMS,300WV,.01% /-TOL,4216 CASE Film/Foil Resistor, RES,AXIAL,METAL FOIL,100K OHMS,500WV,.25% /-TOL,-.2,.2PPM TC RES MTLFOL 60K OHM 0.25% 1W RDL TH - Bulk RES MTLFOL 60K OHM 0.05% 1W RDL TH - Bulk RES MTLFOL 60K OHM 0.01% 1W RDL TH - Bulk RES MTLFOL 50K OHM 0.01% 1.5W 2PPM/ C AXL TH - Bulk RES MTLFOL 50K OHM 0.005% 1.5W 2PPM/ C AXL TH - Bulk VPG - Foil Resistors - H-Series (VHA Series & VHP202) DSMZ 2K00/1K00 TCR 0.2 B T B W - Waffle Pack DSMZ 100/100 TCR2 B A B W - Trays Film/Foil Resistor, RES,AXIAL,METAL FOIL,1.17M OHMS,600WV,.02% /-TOL,-2,2PPM TC Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,350WV,.1% /-TOL,-8,8PPM TC,8216 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,350WV,.25% /-TOL,-8,8PPM TC,8216 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100 OHMS,300WV,.01% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,150K OHMS,300WV,1% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,10K OHMS,300WV,.1% /-TOL,-8,8PPM TC,3011 CASE VISY0075100R000Y29R BULK METAL FOIL VSR Film/Foil Resistor, RES,RADIAL,METAL FOIL,150K OHMS,300WV,.05% /-TOL,-8,8PPM TC,3011 CASE Film/Foil Resistor, RES,RADIAL,METAL FOIL,100K OHMS,500WV,.01% /-TOL,-8,8PPM TC Film/Foil Resistor, RESISTOR, METAL FOIL, 1.5 W, 0.1 %, 0.2 ppm, 10000 ohm, THROUGH HOLE MOUNT, TO-220 RES MTLFOL 500K OHM 0.25% 3/5W RDL TH - Bulk
|
Vishay Foil Resistors
|
IRF5Y1310CM |
100V Single N-Channel Hi-Rel MOSFET in a TO-257AA package THRU-HOLE (TO-257AA) 100V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.044ohm, Id=18A*)
|
IRF[International Rectifier]
|
CDSQR4448S-HF |
Halogen Free Switching Diodes, V-RRM=100V, V-R=100V, P-D=125mW, I-F=150mA
|
Comchip Technology
|
|